|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HT761X General Purpose PIR Controller Features * Operating voltage: 5V~12V * Standby current: 100mA (Typ.) * On-chip regulator * Adjustable output duration * CDS input * 40 second warm-up * ON/AUTO/OFF selectable by MODE pin * Override function * Auto-reset if the ZC signal disappears over 3 seconds * 16-pin DIP package Applications * PIR light controllers * Motion detectors * Alarm systems * Auto door bells General Description The HT761X is a CMOS LSI chip designed for use in automatic PIR lamp control. It can operate with a 2-wire configuration for triac applications or with a 3-wire configuration for relay applications. The chip is equipped with operational amplifiers, a comparator, timer, a zero crossing detector, control circuit, a voltage regulator, a system oscillator, and an output timing oscillator. Its PIR sensor detects infrared power variations induced by the motion of a human body and transforms it to a voltage variation. If the PIR output voltage variation conforms to the criteria (refer to the functional description), the lamp is turned on with an adjustable duration. The HT761X offers three operating modes (ON, AUTO, OFF) which can be set through the MODE pin. While the chip is working in the AUTO mode the user can override it and switch to the TEST mode, or manual ON mode, or return to the AUTO mode by switching the power switch. Selection Table Part No. HT7610A HT7610B HT7611A HT7611B Note: ZC Off/On for Override 2 times 1 time Flash on Mde Auto-change Flash No flash Override ON Duration 8 hrs 8 hrs Comparator Window 1 (VDD-VEE) 16 1 (VDD-VEE) 16 Effective Trigger Width >24ms >24ms Part numbers suffixed with A are for Relay application while those suffixed with B are for Triac application. Pin Assignment VSS 1 2 3 4 5 6 7 8 T R IA C OSCD OSCS ZC CDS MODE VDD 16 15 14 13 12 11 10 9 O P2O O P2N O P2P O P1O O P1N O P1P RST VEE VSS 1 2 3 4 5 6 7 8 R ELAY OSCD OSCS ZC CDS MODE VDD 16 15 14 13 12 11 10 9 O P2O O P2N O P2P O P1O O P1N O P1P RST VEE HT761XB 1 6 D IP -A T R IA C V E R S IO N H T761XA 1 6 D IP -B R E L A Y V E R S IO N Rev. 1.10 1 September 18, 2002 HT761X Block Diagram O P2O O P2N O P2P O P1O O P1P O P1N VEE R e g u la to r C o m p a ra to r L a tc h C ir c u it M ode & CDS C ir c u it MODE CDS VSS V DD V o lta g e D iv id e r C o n tro l C ir c u it VDD O u tp u t C ir c u it R ELAY (T R IA C ) OSCD D e la y O s c illa to r S y s te m O s c illa to r D e la y C ir c u it RST Z e ro C ro s s D ebounce OSCS C o u n te r C ir c u it ZC Pin Description Pin Name VSS RELAY TRIAC OSCD I/O 3/4 O O I/O Internal Connection 3/4 CMOS CMOS PMOS IN NMOS OUT PMOS IN NMOS OUT CMOS CMOS Description Negative power supply, ground RELAY drive output through an external NPN transistor, active high. TRIAC drive output The output is a pulse output when active. Output timing oscillator I/O It is connected to an external RC to adjust output duration. System oscillator I/O OSCS is connected to an external RC to set the system frequency. The system frequency is at 16kHz for normal application. Input for AC zero crossing detection CDS is connected to a CDS voltage divider for daytime/night auto-detection. Low input to this pin can disable the PIR input. CDS a Schmitt Trigger input with 5-second input debounce time. Operating mode selection input: VDD: Output is always ON VSS: Output is always OFF Open: Auto detection Positive power supply Regulated voltage output The output voltage is -4V with respect to VDD. Chip reset input, active low Noninverting input of OP1 Inverting input of OP1 Output of OP1 Noninverting input of OP2 Inverting input of OP2 Output of OP2 OSCS ZC CDS I/O I I MODE I CMOS VDD VEE RST OP1P OP1N OP1O OP2P OP2N OP2O 3/4 O I I I O I I O 3/4 NMOS Pull-High PMOS PMOS NMOS PMOS PMOS NMOS Rev. 1.10 2 September 18, 2002 HT761X Absolute Maximum Ratings Supply Voltage .........................................-0.3V to 13V Input Voltage .............................VSS-0.3V to VDD+0.3V Zero Crossing Current ................................Max. 300mA Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. Storage Temperature ...........................-50C to 125C Operating Temperature ..........................-25C to 70C Electrical Characteristics Symbol VDD VEE IDD IOH1 IOL1 IOL2 VIH VIL VTH1 VTL1 VTH2 VTL2 VOS fSYS fd AVO Parameter Operating Voltage Regulator Output Voltage Operating Current OUTPUT Source Current (RELAY, TRIAC) OUTPUT Sink Current (RELAY, TRIAC) VEE Sink Current H Input Voltage L Input Voltage CDS H Transfer Voltage CDS L Transfer Voltage ZC H Transfer Voltage ZC L Transfer Voltage OP Amp Input Offset Voltage System Oscillator Frequency Delay Oscillator Frequency OP Amp Open Loop Gain Test Condition VDD 3/4 12V 12V 12V 12V 12V 3/4 3/4 12V 12V 12V 12V 12V 12V 12V 12V No load ROSCS=560kW COSCS=100pF ROSCD=560kW COSCD=100pF No load VDD-VEE No load, OSC on VOH=10.8V VOL=1.2V VDD-VEE=4V 3/4 3/4 3/4 3/4 3/4 3/4 Condition 3/4 Min. 5 3.5 3/4 -6 40 3/4 0.8VDD 3/4 6.4 3.7 4.7 1.3 3/4 12.8 12.8 60 Typ. 9 4 100 12 80 3/4 3/4 3/4 8 4.7 6.7 1.8 10 16 16 80 Max. 12 4.5 350 3/4 3/4 3/4 3/4 0.2VDD 9.6 5.6 8.7 2.3 35 19.2 19.2 3/4 Unit V V mA mA mA mA V V V V V V mV KHz KHz dB Functional Description VEE V RS 560kW DD VEE supplies power to the analog front end circuit with a normally stabilized voltage of -4V with respect to VDD. OSCS OSCS is a system oscillator input pin. When it is connected to an external RC, a system frequency of 16kHz can be generated. OSCS CS 100p. System oscillator Rev. 1.10 3 September 18, 2002 HT761X OSCD OSCD is an output timing oscillator input pin. It is connected to an external RC to obtain the desired output turn-on duration. Variable output turn-on durations can be achieved by selecting various values of RC or using a variable resistor. V DD CDS LOW HIGH CDS Status Day Time Night PIR Disabled Enabled <5 sec P IR 5 sec e n a b le d is a b le e n a b le R D OSCD TD = C D 1 21504 f MODE MODE is a tristate input pin used to select the operating mode. MODE Operating Status Mode Description Output is always ON: RELAY outputs high for relay driving. TRIAC pulse train output is synchronized by ZC for triac driving. Output is always OFF: RELAY outputs low for relay driving. TRIAC outputs high for triac driving. Outputs remain in the off state until activated by a valid PIR input trigger signal. When working in the AUTO mode, the chip allows override control by switching the ZC signal. Output timing oscillator RELAY (TRIAC) RELAY is an output pin set as a RELAY driving (active high) output for the HT761XA, or as a TRIAC driving (active low) output for the HT761XB. The output active duration is controlled by the OSCD oscillating period. HT761XA OUTPUT CDS CDS is a CMOS Schmitt Trigger input structure. It is used to distinguish between day time and night time. When the input voltage of CDS is high the PIR input is enabled. On the other hand, when CDS is low the PIR input is disabled. The input disable to enable debounce time is 5 seconds. Connect this pin to VDD when this function is not used. The CDS input is ignored when the output is active. 10s RSTB 4 0 s w a r m - u p tim e ZC <3s Test e n a b le C o m p a ra to r o u tp u t O . . /O N o n e o r tw o tim e s b y m a s k o p tio n VDD ON VSS OFF HT761XB TRIAC Open AUTO RELAY > 0 .3 4 s fla s h 3 tim e s in 1 H z * R ELAY (T R IA C ) O.. fla s h o r n o t b y m a s k o p tio n # ON 2s 2s ON 2s >32s ON 2s 2s ON * : fla fla # : fla fla Rev. 1.10 sh sh sh sh 3 tim orn 3 tim orn e ot e ot sa by sa by ta m ta m 1Hz ask o 2H z ask o ra te p tio n ra te p tio n 4 September 18, 2002 HT761X ZC ZC is a CMOS input structure. It receives AC line frequency and generates zero crossing pulses to synchronize the triac driver. By effective ZC signal switching (switch OFF/ON 1 or 2 times within 3 seconds by mask option), the chip provides the following additional functions: * Test mode control V REST RST C RST DD VCC 100m. Within 10 seconds after power-on, effective ZC switching will force the chip to enter the test mode. During the test mode, the outputs will be active for a duration of 2 seconds each time a valid PIR trigger signal is received. If a time interval exceeds 32 seconds without a valid trigger input, the chip will automatically enter the AUTO mode. * Override control VEE Fig.1 RST application example Power on initial The PIR signal amplifier requires a warm up period after power-on. The input should be disabled during this period. In the AUTO mode within the first 10 seconds of power-on initialization, the chip allows override control to enter the test mode. After 40 seconds of the initial time the chip allows override control between ON and AUTO. It will remain in the warm up period if the total initial time has not elapsed after returning to AUTO. In case that the ZC signal disappears for more than 3 seconds, the chip will restart the initialization operation. However, the restart initial time is always 40 seconds and cannot be extended by adding CRST to the RST pin as shown in the Fig.1. Mask options The HT761X offers mask options to select the output flash (3 times) when changing the operating mode. The chip will flash 3 times at a 1Hz rate each time it changes from AUTO to another mode and flash 3 times at a 2Hz rate when it returns to the AUTO mode. However the chip will not flash if the mode is changed by switching the MODE switch. * 4, 6, or 8 hour options to return to AUTO from override When the chip is working in an AUTO mode (MODE=open), the output is activated by a valid PIR trigger signal and the output active duration is controlled by an OSCD oscillating period. The lamp can be switched always to ON from the AUTO mode by either switching the MODE pin to VDD or switching the ZC signal by an OFF/ON operation of the power switch (OFF/ON once or twice within 3 seconds by mask option). The term override refers to the change of operating mode by switching the power switch. The chip can be toggled from ON to AUTO by an override operation. If the chip is overridden to ON and there is no further override operation, it will automatically return to AUTO after an internal preset ON time duration has elapsed. This override ON time duration can be set to 4 or 6 or 8 hours by mask option. The default is 8 hours. The chip provides a mask option to determine the output flash times (3 times) when changing the operating mode. It will flash 3 times at a 1Hz rate each time the chip changes from an AUTO mode to another mode or flash 3 times at a 2Hz rate when returning to the AUTO mode. But if the AUTO mode is changed by switching the MODE switch it will not flash. RST RST is used to reset the chip. It is internal pull-high and active low. The use of CRST can extend the power-on initial time. If the RST pin is an open circuit (without CRST), the initial time is the default (40 secs). O p e r a tin g M ode fla s h AUTO ON fla s h AUTO ON. The default is 8 hours. * Options for effective override: Once or twice OFF/ON operation of power switch within 3 seconds. The default is OFF/ON twice. * Options for output flash to indicate effective override operation. The default is to flash. * Options for effective PIR trigger pulse width: >24mS, >32mS or >48mS. The default is 24ms. fla s h ON 4 , 6 o r 8 h r b y m a s k o p tio n fla s h AUTO ZC ZC override timing Rev. 1.10 5 September 18, 2002 HT761X * Options for setting the comparator window to be 1 , 16 1 1 or (VDD-VEE). 11.3 9 1 The default is (VDD-VEE). 16 PIR amplifier Consult the diagram below for details on the PIR front end amplifier. In the Fig.2 below there are 2 op-amps with different applications. OP1 can be used independently as a first stage inverting or non-inverting amplifier for the PIR. V O P1O O P1N O P1P V O P2O O P2N O P2P OP2 CP DD If the window level fails to be specified the default win1 (VDD-VEE). The preset voltage of dow is set to 16 VDD-VEE is 4V. The default values of VCP and VCN are 4 therefore 0.25V, ( V ). 16 Second stage amplifier Usually the second stage PIR amplifier is a simple capacitively coupled inverting amplifier with a low pass configuration. The noninverting input terminal is biased to the center point of the comparator window and the output of the second stage amplifier is directly coupled to the comparator center point. In Fig.3 OP2P is directly connected to the comparator window center, and with the C3 filter it can act as the R1 bias for OP2. For this configuration AV = , low cutoff R2 1 frequency fL= , high cutoff frequency 2pR1C1 1 fH= . By changing the value of R2 the sensitivity 2pR2C2 can be varied. C1 and C3 should be of low leakage types to prevent the DC operating point from changing due to current leakage. Each op-amp current consumption is approximately 5mA with the op-amps and comparators working voltage all provided by the regulator. Consult the following diagrams for typical PIR front end circuit. First stage of PIR amplifier Fig.4 shows a typical first stage amplifier. C2 and R2 form a simple low pass filter with cut off frequency at 7Hz. The low frequency response is governed by R1 and C1 with cut-off frequency at 0.33Hz. AV = ( R1+ R2 ) R1 OP1 C o m p a ra to r V CN VEE R e g u la to r Fig.2 PIR amplifier As the output of OP2 is directly connected to the input of the comparator, it is used as a second stage amplifying device. The non-inverting input of OP2 is connected to the comparators window center point and can be used to check this voltage and to provide a bias voltage that is equal to the center point voltage of the comparator. In Fig.2 the comparator can have 3 window levels set by 1 1 mask option. 1. (VDD-VEE), 2. (VDD-VEE), 16 11.3 1 3. (VDD-VEE). 9 V O P2O R1 22kW C2 0 .0 2 2 m . DD RW R2 1M W O P2N O P2P OP2 RW fir s t s ta g e o u tp u t C1 22m. V DD RW RW VEE C3 10m. Fig.3 Typical second stage amplifier Rev. 1.10 6 September 18, 2002 HT761X Fig.4 and Fig.5 are similar but in Fig.5 the input signal of amplifier is taken from the drain of the PIR. This has higher gain than that in Fig.4. Since OP1 is a PMOS input VD, it has to be greater than 1.2V for adequate operation. V VEE C 11 22m. R 11 22kW R 12 510kW C 12 0 .0 4 7 D DD VEE C1 22m. R1 22kW V P IR G D S DD R 13 100kW ~180kW V P IR D G OP1 OUT 1M W R2 OP1 S C 15 100m. 0 .0 2 2 m . OP1 OP1 56kW VEE OUT C2 R4 56kW VEE Fig.5 High gain first stage Fig. 4 Typical first-stage PIR Timing Diagram RST CDS O u tp u t E n a b le 5 sec C o m p a ra to r In p u t - tr ig g e r le v e l C o m p a ra to r o u tp u t <24m s >24m s (N o te 2 ) (N o te 1 ) + tr ig g e r le v e l D e te c t E n a b le p o w e r - o n d e la y tim e 40S 10S te s t e n a b le T e s t E n a b le ON R ELAY T R IA C p u ls e o u tp u t ON (N o te 3 ) Note: The output is activated if the trigger signal conforms to the following criteria: * More than 3 triggers within 2 seconds * A trigger signal sustain duration 0.34 secs * 2 trigger signals within 2 secs with one of the trigger signal sustain 0.16 secs. The effective comparator output width can be selected to be 24ms or 32ms or 48ms by mask option. The default is 24ms (system frequency=16kHz). The output duration is set by an external RC that is connected to the OSCD pin. Rev. 1.10 7 September 18, 2002 3 9 0 0 p . ** LP1 LAM P 4001 K1 R ELAY 30m A 1M W 3 4 560kW 6 7 2 .4 M W MODE ON AUTO O.. 8 5 1M W 4002 6 8 /2 P O N /O . . O V E R R ID E *** 0 .6 8 m . 350V 12V 4148 * 3 2 G D CDS 4002 470m. 9V 1 S 4 .7 k W 4002 8050 56kW 2 1 VSS RLY OSCD OSCS ZC CDS MODE VDD 100p. O P2O O P2N O P2P O P1O O P1N O P1P RST VEE 9 16 15 14 13 12 11 10 22m. 22kW 0 .0 2 m . 1M W 1M W 0 .0 2 m . 22m. 22kW Change ** to obtain the desired adjusting range of output duration. AC+ 110V 0 6%$:) 100m. 0 .0 2 m . 56kW Change the value of *** to 0.33mF/ 600V for AC 220V application. 10m. 12V AC P IR SD 622 ( N ip p o n C e r a m ic ) HT761XA relay application 330m. Application Circuit Adjust * to fit various CDS. Rev. 1.10 Note: 8 September 18, 2002 HT761X 3 9 0 0 p . ** 1M W 100p. 1 2 O N /O . . O V E R R ID E 0 .1 1M W 560kW 6 7 8 2 .4 M W MODE ON AUTO O.. CDS MODE VDD ZC 5 LP1 LAM P 1M W 4002 4 OSCS OSCD 1M W 3 T R IA C O P1O O P1N O P1P RST VEE 9 VSS O P2N O P2P O P2O 16 15 14 13 12 10 0 .0 2 m . 22m. 22kW 1M W AC+ 110V 0 .0 2 m . 22m. 22kW Change ** to obtain the desired adjusting range of output duration. 0 6%$:* 100m. 0 .0 2 m . 56kW 3 2 G D S Change the value of *** to 0.15mF/ 600V for AC 220V application. 11 6 8 /2 P *** 0 .3 3 m . 350V * T R IA C 4002 10kW 330m. 12V 4002 4002 10m. P IR SD 622 ( N ip p o n C e r a m ic ) CDS 1 100m. HT761XB triac application AC Adjust * to fit various CDS. Rev. 1.10 Note: 9 September 18, 2002 HT761X HT761X Package Information 16-pin DIP (300mil) outline dimensions A 16 B 1 9 8 H C D E . G a I Symbol A B C D E F G H I a Dimensions in mil Min. 745 240 125 125 16 50 3/4 295 335 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 775 260 135 145 20 70 3/4 315 375 15 Rev. 1.10 10 September 18, 2002 HT761X Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science-based Industrial Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Sales Office) 11F, No.576, Sec.7 Chung Hsiao E. Rd., Taipei, Taiwan Tel: 886-2-2782-9635 Fax: 886-2-2782-9636 Fax: 886-2-2782-7128 (International sales hotline) Holtek Semiconductor (Shanghai) Inc. 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor (Hong Kong) Ltd. Block A, 3/F, Tin On Industrial Building, 777-779 Cheung Sha Wan Rd., Kowloon, Hong Kong Tel: 852-2-745-8288 Fax: 852-2-742-8657 Holmate Semiconductor, Inc. 46712 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com Copyright O 2002 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw. Rev. 1.10 11 September 18, 2002 |
Price & Availability of HT7611B |